Part Number Hot Search : 
F9530 D446C VJ0603 PIP120 90858 74AC11SJ E224K SMCJ100A
Product Description
Full Text Search
 

To Download 8050SL-X-AE3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 8050S
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
DESCRIPTION
The UTC 8050S is a low voltage high current small signal NPN transistor, designed for Class B push-pull audio amplifier and general purpose applications.
NPN SILICON TRANSISTOR
3 1
2
SOT-23
FEATURES
*Collector current up to 700mA *Collector-Emitter voltage up to 20V *Complementary to UTC 8550S
1 TO-92
ORDERING INFORMATION
Normal 8050S-x-AE3-R 8050S-x-T92-B 8050S-x-T92-K Ordering Number Lead Free Plating 8050SL-X-AE3-R 8050SL-x-T92-B 8050SL-x-T92-K Halogen-Free 8050SG-x-AE3-R 8050SG-x-T92-B 8050SG-x-T92-K Package SOT-23 TO-92 TO-92 Pin Assignment 1 2 3 E B C E C B E C B Packing Tape Reel Tape Box Bulk
MARKING (For SOT-23 Package)
www.unisonic.com.tw Copyright (c) 2009 Unisonic Technologies Co., Ltd
1 of 4 QW-R206-001,E
8050S
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current SYMBOL VCBO VCEO VEBO IC
NPN SILICON TRANSISTOR
ABSOLUTE MAXIMUM RATING ( Ta=25C, unless otherwise specified )
RATINGS UNIT 30 V 20 V 5 V 700 mA SOT-23 350 mW Collector Dissipation(Ta=25C) PC TO-92 1 W Junction Temperature TJ +150 C Storage Temperature TSTG -40 ~ +150 C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25C, unless otherwise specified)
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current DC Current Gain(note) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Saturation Voltage Current Gain Bandwidth Product Output Capacitance SYMBOL BVCBO BVCEO BVEBO ICBO IEBO hFE1 hFE2 hFE3 VCEO(SAT) VBEO(SAT) VBEO(SAT) fT Cob TEST CONDITIONS IC = 100A, IE = 0 IC = 1mA, IB = 0 IE = 100A, IC =0 VCB = 30V,IE = 0 VEB = 5V, IC = 0 VCE = 1V, IC = 1mA VCE = 1V, IC = 150 mA VCE = 1V, IC = 500mA IC = 500mA, IB = 50mA IC = 500mA, IB = 50mA VCE = 1V, IC = 10mA VCE = 10V, IC = 50mA VCB = 10V, IE = 0, f = 1MHz MIN 30 20 5 TYP MAX UNIT V V V 1 uA 100 nA 400
100 120 40
0.5 1.2 1.0 100 9.0
V V V MHz pF
CLASSIFICATION OF hFE2
RANK RANGE C 120-200 D 160-300 E 280-400
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 4 QW-R206-001,E
8050S
Current Gain-Bandwidth Product, f(MHz) Collector Current, Ic(mA) Collector Current, Ic(mA)
TYPICAL CHARACTERISTICS
UNISONIC TECHNOLOGIES CO., LTD
Saturation Voltage (mV) DC Current Gain, hFE
www.unisonic.com.tw
Capacitance, Cob (pF)
NPN SILICON TRANSISTOR
3 of 4
QW-R206-001,E
8050S
NPN SILICON TRANSISTOR
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 4 QW-R206-001,E


▲Up To Search▲   

 
Price & Availability of 8050SL-X-AE3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X